PART |
Description |
Maker |
XQV1000 XQC100-4CG560M XQC1000-4CG560M XQC300-4CG5 |
QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NNA. QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 1536 CLBS, 322970 GATES, PBGA352 QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 661111 GATES, PBGA432 QPro Virtex 2.5V QML High-Reliability FPGAs QPro的Virtex 2.5V的QML第高可靠性的FPGA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957301NUA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NUA.
|
Xilinx, Inc.
|
XCV50E |
Virtex-e Field Programmable Gate Array
|
Xilinx
|
XAPP876 |
Virtex-5 FPGA Interface to a JESD204A Compliant ADC
|
Xilinx, Inc
|
XC2V1000 XC2V8000 XC2V1000-4FG456C XC2V1000-4FG456 |
From old datasheet system Virtex-II Platform FPGAs: Complete Data Sheet
|
XILINX[Xilinx, Inc]
|
XCV200 XCV100 XCV600 DS003-1 XCV1000 XCV400 XCV800 |
Virtex 2.5 V Field Programmable Gate Arrays Virtex?/a> 2.5 V Field Programmable Gate Arrays Fast, high-density Field-Programmable Gate Arrays
|
Xilinx, Inc http://
|
AM486DX2 AMD-X5-133SDZ AMD-X5-133AFW AMD-X5-133SFZ |
Am5X86??Microprocessor Family Am5X86 Microprocessor Family Am5X86Microprocessor Family 32-BIT, 133 MHz, MICROPROCESSOR, PQFP208
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
XQ5VSX240T XQ5VSX50T XQ5VSX95T XQ5VFX130T XQ5VLX30 |
DC and Switching Characteristics Virtex-5Q FPGA Data Sheet
|
Xilinx, Inc
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
EP910I EP1810 EP910 EP610 EP610I EP910LC-30 |
CPLD, EP910 Family, ECMOS Process, 450 Gates, 24 Macro Cells, 24 Reg., 24 User I/Os, 5V Supply, 30 Speed Grade, 44LDCC The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
|
Altera Corporation
|
ADSP-2100A ADSP-2101BG-100 ADSP-2101BG-66 ADSP-211 |
(666.40 k) 666.40十一 ADSP-2100 Family DSP Microcomputers ADSP - 2100系列DSP的微 PC MC 10MBPS UTP/BNC TRANS PNP 80VCEO .5A TO-92L PowerBlade Electricians Knife ADSP-2100 Family DSP Microcomputers ADSP-2100 Family DSP Microcomputers
|
ANALOG DEVICES INC TE Connectivity, Ltd. Analog Devices, Inc. http://
|